Part Number Hot Search : 
AN523 BCWL120 NTE5910 24800 C1408 CN25J BC337 T100A
Product Description
Full Text Search
 

To Download CX3225CA10000D0HSSTT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units surface mount type cx3225ca 3.2 2.5mm for automotive rohs compliant features ? crystal unit for automotive electronics ? small and low profile (3.2 2.5 0.80mm) ? ceramic package ? reflow compatible ? aec-q200 qualitied applications ? ecu ? tpms ? high-speed automotive network (flex ray tm etc.) how to order cx3225ca 16000 series frequency load capacitance d0 8 pf frequency tolerance p 50 10 - 6 operating temp. range frequency temp. stability sw - 40 to + 125 c 200 10 - 6 individual specification packaging (tape & reel 3000 pcs./ reel) 1.05 3.6 1.3 1.3 1.05 1.85 recommended land pattern (unit: mm) 3.20.1 2.50.1 0.75 1.2 1.0 connection (top view) nc hot hot nc 4-r0.2 #4 #3 #1 #2 #1 #2 #4 #3 1.0 1.0 #4 #3 #1 #2 0.80.1 dimensions (unit: mm) specifications item symbol specification units remarks frequency range f _nom 9800 to 54000 khz overtone order ot fundamental D load capacitance cl 8 pf frequency tolerance f _tol 50 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 40 to + 125 c storage temp. range t _stg - 40 to + 150 c frequency temp. characteristics f _tem 200 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 9800 f _nom < 13560khz 200 max. 13560 f _nom < 16000khz 120 max. 16000 f _nom 54000khz 100 max. table2 level of drive frequency range level of drive 9800 f _nom 54000khz 10 w (200 w max.)
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: avx: ? cx3225ca20000d0pswz1? cx3225ca09843d0hssz1? cx3225ca10000d0hssz1? cx3225ca12000d0hssz1? cx3225ca13560d0hssz1? cx3225ca16000d0hssz1? cx3225ca16000h0hssz1? cx3225ca20000d0hssz1? cx3225ca24000d0hssz1? cx3225ca25000d0hssz1? cx3225ca26000d0hssz1? cx3225ca27000d0hssz1? cx3225ca28636d0hssz1? cx3225ca30000d0hssz1? cx3225ca32000d0hssz1? cx3225ca40000d0hssz1? cx3225ca20000d0hsscc? cx3225ca26000d0hsscc? cx3225ca16000h0hsscc? cx3225ca09843d0hsstt? CX3225CA10000D0HSSTT? cx3225ca13560d0hsscc? cx3225ca28636d0hsscc? cx3225ca24000d0hsscc? cx3225ca30000d0hsscc? cx3225ca25000d0hsscc? cx3225ca12000d0hsscc? cx3225ca40000d0hsscc? cx3225ca16000d0hsscc? cx3225ca27000d0hsscc? cx3225ca32000d0hsscc


▲Up To Search▲   

 
Price & Availability of CX3225CA10000D0HSSTT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X